Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S12CPUV2D Fiches technique(PDF) 90 Page - Motorola, Inc

No de pièce S12CPUV2D
Description  MC9S12DT128 Device User Guide V02.09
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

S12CPUV2D Fiches technique(HTML) 90 Page - Motorola, Inc

Back Button S12CPUV2D Datasheet HTML 86Page - Motorola, Inc S12CPUV2D Datasheet HTML 87Page - Motorola, Inc S12CPUV2D Datasheet HTML 88Page - Motorola, Inc S12CPUV2D Datasheet HTML 89Page - Motorola, Inc S12CPUV2D Datasheet HTML 90Page - Motorola, Inc S12CPUV2D Datasheet HTML 91Page - Motorola, Inc S12CPUV2D Datasheet HTML 92Page - Motorola, Inc S12CPUV2D Datasheet HTML 93Page - Motorola, Inc S12CPUV2D Datasheet HTML 94Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 138 page
background image
MC9S12DT128 Device User Guide — V02.09
90
•
Use low ohmic low inductance connections between VSS1, VSS2 and VSSR.
•
VSSPLL must be directly connected to VSSR.
•
Keep traces of VSSPLL, EXTAL and XTAL as short as possible and occupied board area for C7,
C8, C11 and Q1 as small as possible.
•
Do not place other signals or supplies underneath area occupied by C7, C8, C10 and Q1 and the
connection area to the MCU.
•
Central power input should be fed in at the VDDA/VSSA pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More