| Moteur de recherche de fiches techniques de composants électroniques |
|
S12CPUV2D Fiches technique(PDF) 42 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12CPUV2D Fiches technique(HTML) 42 Page - Motorola, Inc |
|
42 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 42 $00D5 SCI1SR2 Read: 00000 BRK13 TXDIR RAF Write: $00D6 SCI1DRH Read: R8 T8 000000 Write: $00D7 SCI1DRL Read: R7 R6 R5 R4 R3 R2 R1 R0 Write: T7 T6 T5 T4 T3 T2 T1 T0 $00D8 - $00DF SPI0 (Serial Peripheral Interface) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00D8 SPI0CR1 Read: SPIE SPE SPTIE MSTR CPOL CPHA SSOE LSBFE Write: $00D9 SPI0CR2 Read: 0 0 0 MODFEN BIDIROE 0 SPISWAI SPC0 Write: $00DA SPI0BR Read: 0 SPPR2 SPPR1 SPPR0 0 SPR2 SPR1 SPR0 Write: $00DB SPI0SR Read: SPIF 0 SPTEF MODF 0000 Write: $00DC Reserved Read: 00000000 Write: $00DD SPI0DR Read: Bit7 654321 Bit0 Write: $00DE Reserved Read: 00000000 Write: $00DF Reserved Read: 00000000 Write: $00E0 - $00E7 IIC (Inter IC Bus) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00E0 IBAD Read: ADR7 ADR6 ADR5 ADR4 ADR3 ADR2 ADR1 0 Write: $00E1 IBFD Read: IBC7 IBC6 IBC5 IBC4 IBC3 IBC2 IBC1 IBC0 Write: $00E2 IBCR Read: IBEN IBIE MS/SL TX/RX TXAK 00 IBSWAI Write: RSTA $00E3 IBSR Read: TCF IAAS IBB IBAL 0SRW IBIF RXAK Write: $00E4 IBDR Read: D7 D6 D5 D4 D3 D2 D1 D 0 Write: $00E5 Reserved Read: 0 0 0 0 0 0 0 0 Write: $00E6 Reserved Read: 00000000 Write: $00E7 Reserved Read: 00000000 Write: $00D0 - $00D7 SCI1 (Asynchronous Serial Interface) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 |