| Moteur de recherche de fiches techniques de composants électroniques |
|
S12CPUV2D Fiches technique(PDF) 52 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12CPUV2D Fiches technique(HTML) 52 Page - Motorola, Inc |
|
52 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 52 $0280 - $02BF CAN4 (Motorola Scalable CAN - MSCAN) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $0280 CAN4CTL0 Read: RXFRM RXACT CSWAI SYNCH TIME WUPE SLPRQ INITRQ Write: $0281 CAN4CTL1 Read: CANE CLKSRC LOOPB LISTEN 0 WUPM SLPAK INITAK Write: $0282 CAN4BTR0 Read: SJW1 SJW0 BRP5 BRP4 BRP3 BRP2 BRP1 BRP0 Write: $0283 CAN4BTR1 Read: SAMP TSEG22 TSEG21 TSEG20 TSEG13 TSEG12 TSEG11 TSEG10 Write: $0284 CAN4RFLG Read: WUPIF CSCIF RSTAT1 RSTAT0 TSTAT1 TSTAT0 OVRIF RXF Write: $0285 CAN4RIER Read: WUPIE CSCIE RSTATE1 RSTATE0 TSTATE1 TSTATE0 OVRIE RXFIE Write: $0286 CAN4TFLG Read: 00000 TXE2 TXE1 TXE0 Write: $0287 CAN4TIER Read: 00000 TXEIE2 TXEIE1 TXEIE0 Write: $0288 CAN4TARQ Read: 00000 ABTRQ2 ABTRQ1 ABTRQ0 Write: $0289 CAN4TAAK Read: 00000 ABTAK2 ABTAK1 ABTAK0 Write: $028A CAN4TBSEL Read: 00000 TX2 TX1 TX0 Write: $028B CAN4IDAC Read: 0 0 IDAM1 IDAM0 0 IDHIT2 IDHIT1 IDHIT0 Write: $028C Reserved Read: 00000000 Write: $028D Reserved Read: 00000000 Write: $028E CAN4RXERR Read: RXERR7 RXERR6 RXERR5 RXERR4 RXERR3 RXERR2 RXERR1 RXERR0 Write: $028F CAN4TXERR Read: TXERR7 TXERR6 TXERR5 TXERR4 TXERR3 TXERR2 TXERR1 TXERR0 Write: $0290 - $0293 CAN0IDAR0 - CAN0IDAR3 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $0294 - $0297 CAN0IDMR0 - CAN0IDMR3 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 Write: $0298 - $029B CAN0IDAR4 - CAN0IDAR7 Read: AC7 AC6 AC5 AC4 AC3 AC2 AC1 AC0 Write: $029C - $029F CAN0IDMR4 - CAN0IDMR7 Read: AM7 AM6 AM5 AM4 AM3 AM2 AM1 AM0 $02A0 - $02AF CAN4RXFG Read: FOREGROUND RECEIVE BUFFER see Table 1-2 Write: $02B0 - $02BF CAN4TXFG Read: FOREGROUND TRANSMIT BUFFER see Table 1-2 Write: |