| Moteur de recherche de fiches techniques de composants électroniques |
|
S12CPUV2D Fiches technique(PDF) 43 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
S12CPUV2D Fiches technique(HTML) 43 Page - Motorola, Inc |
|
43 / 138 page ![]() MC9S12DT128 Device User Guide — V02.09 43 $00E8 - $00EF BDLC (Byte Level Data Link Controller J1850) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00E8 DLCBCR1 Read: IMSG CLKS 0000 IE WCM Write: $00E9 DLCBSVR Read: 0 0 I3 I2 I1 I0 0 0 Write: $00EA DLCBCR2 Read: SMRST DLOOP RX4XE NBFS TEOD TSIFR TMIFR1 TMIFR0 Write: $00EB DLCBDR Read: D7 D6 D5 D4 D3 D2 D1 D0 Write: $00EC DLCBARD Read: 0 RXPOL 00 BO3 BO2 BO1 BO0 Write: $00ED DLCBRSR Read: 0 0 R5 R4 R3 R2 R1 R0 Write: $00EE DLCSCR Read: 0 0 0 BDLCE 0 0 0 0 Write: $00EF DLCBSTAT Read: 0 0 0 0 0 0 0 IDLE Write: $00F0 - $00F7 SPI1 (Serial Peripheral Interface) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00F0 SPI1CR1 Read: SPIE SPE SPTIE MSTR CPOL CPHA SSOE LSBFE Write: $00F1 SPI1CR2 Read: 0 0 0 MODFEN BIDIROE 0 SPISWAI SPC0 Write: $00F2 SPI1BR Read: 0 SPPR2 SPPR1 SPPR0 0 SPR2 SPR1 SPR0 Write: $00F3 SPI1SR Read: SPIF 0 SPTEF MODF 0000 Write: $00F4 Reserved Read: 00000000 Write: $00F5 SPI1DR Read: Bit7 654321 Bit0 Write: $00F6 Reserved Read: 00000000 Write: $00F7 Reserved Read: 00000000 Write: $00F8 - $00FF Reserved Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00F8 - $00FF Reserved Read: 00000000 Write: |