| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430 Fiches technique(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430 Fiches technique(HTML) 29 Page - Texas Instruments |
|
29 / 31 page ![]() MECHANICAL DATA MCER003A – JANUARY 1997 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 JL (R-GDIP-T20) CERAMIC DUAL-IN-LINE PACKAGE 0.200 (5,08) MAX 0.310 (7,87) 0.290 (7,37) 0.130 (3,30) MIN 0.008 (0,20) 0.014 (0,36) Seating Plane 4040109/C 08/96 11 0.020 (0,51) MIN Window 10 0.015 (0,38) 0.050 (1,27) 0.050 (1,27) 0.015 (0,38) 0.975 (24,76) 0.930 (23,62) 20 1 0.023 (0,58) 0.015 (0,38) 0.245 (6,22) 0.300 (7,62) 0.100 (2,54) 0 °–15° NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. This package can be hermetically sealed with a ceramic lid using glass frit. D. Index point is provided on cap for terminal identification only on press ceramic glass frit seal only E. Falls within MIL-STD-1835 GDIP1-T20 |