| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430 Fiches technique(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430 Fiches technique(HTML) 25 Page - Texas Instruments |
|
25 / 31 page ![]() MSP430x11x MIXED SIGNAL MICROCONTROLLERS SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004 25 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION input/output schematic (continued) Port P2, un-bonded bits P2.6 and P2.7 EN D 0 1 0 1 Interrupt Edge Select EN Set Q P2IE.x P2IFG.x P2IRQ.x Interrupt Flag P2IES.x P2SEL.x Module X IN P2IN.x P2OUT.x Module X OUT Direction Control From Module P2DIR.x P2SEL.x Bus Keeper 0 1 0: Input 1: Output Node Is Reset With PUC PUC NOTE: x = Bit identifier, 6 to 7 for Port P2 without external pins P2Sel.x P2DIR.x Dir. Control from module P2OUT.x Module X OUT P2IN.x Module X IN P2IE.x P2IFG.x P2IES.x P2Sel.6 P2DIR.6 P2DIR.6 P2OUT.6 VSS P2IN.6 unused P2IE.6 P2IFG.6 P2IES.6 P2Sel.7 P2DIR.7 P2DIR.7 P2OUT.7 VSS P2IN.7 unused P2IE.7 P2IFG.7 P2IES.7 NOTE: A good use of the unbonded bits 6 and 7 of port P2 is to use the interrupt flags. The interrupt flags can not be influenced from any signal other than from software. They work then as soft interrupt. |