| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430 Fiches technique(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430 Fiches technique(HTML) 22 Page - Texas Instruments |
|
22 / 31 page ![]() MSP430x11x MIXED SIGNAL MICROCONTROLLERS SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004 22 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION input/output schematic (continued) Port P1, P1.4 to P1.7, input/output with Schmitt-trigger and in-system access features EN D See Note 1 See Note 2 See Note 2 See Note 1 GND VCC P1.4−P1.7 0 1 0 1 Interrupt Edge Select EN Set Q P1IE.x P1IFG.x P1IRQ.x Interrupt Flag P1IES.x P1SEL.x Module X IN P1IN.x P1OUT.x Module X OUT Direction Control From Module P1DIR.x P1SEL.x Pad Logic Bus Keeper TST Fuse 60 k Ω Fuse Blow Control VPP_Internal Control By JTAG 0 1 TDO Controlled By JTAG P1.x TDI P1.x TST TST TMS TST TCK TST Controlled by JTAG TS T P1.x P1.x P1.7/TDI/TDO P1.6/TDI P1.5/TMS P1.4/TCK Typical TEST/VPP GND NOTES:The test pin should be protected from potential EMI and ESD voltage spikes. This may require a smaller external pulldown resistor in some applications. x = Bit identifier, 4 to 7 for port P1 During programming activity and during blowing the fuse, the pin TDO/TDI is used to apply the test input for JTAG circuitry. PnSel.x PnDIR.x Dir. Control from module PnOUT.x Module X OUT PnIN.x Module X IN PnIE.x PnIFG.x PnIES.x P1Sel.4 P1DIR.4 P1DIR.4 P1OUT.4 SMCLK P1IN.4 unused P1IE.4 P1IFG.4 P1IES.4 P1Sel.5 P1DIR.5 P1DIR.5 P1OUT.5 Out0 signal† P1IN.5 unused P1IE.5 P1IFG.5 P1IES.5 P1Sel.6 P1DIR.6 P1DIR.6 P1OUT.6 Out1 signal† P1IN.6 unused P1IE.6 P1IFG.6 P1IES.6 P1Sel.7 P1DIR.7 P1DIR.7 P1OUT.7 Out2 signal† P1IN.7 unused P1IE.7 P1IFG.7 P1IES.7 † Signal from or to Timer_A NOTES: 1. Optional selection of pullup or pulldown resistors with ROM (masked) versions. 2. Fuses for optional pullup and pulldown resistors can only be programmed at the factory. |