| Moteur de recherche de fiches techniques de composants électroniques |
|
MSP430 Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
MSP430 Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 31 page ![]() MSP430x11x MIXED SIGNAL MICROCONTROLLERS SLAS196D− DECEMBER 1998 − REVISED SEPTEMBER 2004 21 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION input/output schematic Port P1, P1.0 to P1.3, input/output with Schmitt-trigger EN D (See Note 1) (See Note 2) (See Note 2) (See Note 1) GND VCC P1.0 − P1.3 0 1 0 1 Interrupt Edge Select EN Set Q P1IE.x P1IFG.x P1IRQ.x Interrupt Flag P1IES.x P1SEL.x Module X IN P1IN.x P1OUT.x Module X OUT Direction Control From Module P1DIR.x P1SEL.x Pad Logic NOTE: x = Bit Identifier, 0 to 3 For Port P1 PnSel.x PnDIR.x Dir. Control from module PnOUT.x Module X OUT PnIN.x Module X IN PnIE.x PnIFG.x PnIES.x P1Sel.0 P1DIR.0 P1DIR.0 P1OUT.0 VSS P1IN.0 TACLK† P1IE.0 P1IFG.0 P1IES.0 P1Sel.1 P1DIR.1 P1DIR.1 P1OUT.1 Out0 signal† P1IN.1 CCI0A† P1IE.1 P1IFG.1 P1IES.1 P1Sel.2 P1DIR.2 P1DIR.2 P1OUT.2 Out1 signal† P1IN.2 CCI1A† P1IE.2 P1IFG.2 P1IES.2 P1Sel.3 P1DIR.3 P1DIR.3 P1OUT.3 Out2 signal† P1IN.3 CCI2A† P1IE.3 P1IFG.3 P1IES.3 † Signal from or to Timer_A NOTES: 1. Optional selection of pullup or pulldown resistors with ROM (masked) versions. 2. Fuses for optional pullup and pulldown resistors can only be programmed at the factory. CMOS INPUT (RST/NMI) VCC (see Note 1) (see Note 1) GND (see Note 2) (see Note 2) |