Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT3011 Fiches technique(PDF) 16 Page - Linear Technology

No de pièce LT3011
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT3011 Fiches technique(HTML) 16 Page - Linear Technology

Back Button LT3011 Datasheet HTML 8Page - Linear Technology LT3011 Datasheet HTML 9Page - Linear Technology LT3011 Datasheet HTML 10Page - Linear Technology LT3011 Datasheet HTML 11Page - Linear Technology LT3011 Datasheet HTML 12Page - Linear Technology LT3011 Datasheet HTML 13Page - Linear Technology LT3011 Datasheet HTML 14Page - Linear Technology LT3011 Datasheet HTML 15Page - Linear Technology LT3011 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT3011
16
3011f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2008
LT 0808 • PRINTED IN USA
TYPICAL APPLICATION
IN
LT3011
SHDN
1 F
RETURN
–48V
OUT
ADJ
GND
3011 TA06
1 F
RSET
ILED = 1.24V/RSET
–48V CAN VARY
FROM –4V TO –80V
ON
OFF
Constant Brightness for Indicator LED over Wide Input Voltage Range
PART NUMBER DESCRIPTION
COMMENTS
LT1121/
LT1121HV
150mA, Micropower, LDO
VIN: 4.2V to 30V/36V, VOUT(MIN) = 3.75V, VDO = 0.42V, IQ = 30μA, ISD = 16μA,
Reverse Battery Protection, SOT-223, S8 and Z Packages
LT1676
60V, 440mA (IOUT), 100kHz, High
Efficiency Step-Down DC/DC Converter
VIN: 7.4V to 60V, VOUT(MIN) = 1.24V, IQ = 3.2mA, ISD = 2.5μA, S8 Package
LT1761
100mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.3V, IQ = 20μA, ISD <1μA,
Low Noise < 20μVRMS, Stable with 1μF Ceramic Capacitors, ThinSOT
TM Package
LT1762
150mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.3V, IQ = 25μA, ISD <1μA,
Low Noise < 20μVRMS, MS8 Package
LT1763
500mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.3V, IQ = 30μA, ISD <1μA,
Low Noise < 20μVRMS, S8 Package
LT1764/
LT1764A
3A, Low Noise, Fast Transient Response,
LDO
VIN: 2.7V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD <1μA,
Low Noise < 40μVRMS, “A” Version Stable with Ceramic Capacitors,
DD and TO220-5 Packages
LT1766
60V, 1.2A (IOUT), 200kHz, High Efficiency
Step-Down DC/DC Converter
VIN: 5.5V to 60V, VOUT(MIN) = 1.2V, IQ = 2.5mA, ISD = 25μA, TSSOP-16/E Package
LT1776
40V, 550mA (IOUT), 200kHz, High
Efficiency Step-Down DC/DC Converter
VIN: 7.4V to 40V, VOUT(MIN) = 1.24V, IQ = 3.2mA, ISD = 30μA, N8 and S8 Packages
LT1956
60V, 1.2A (IOUT), 500kHz, High Efficiency
Step-Down DC/DC Converter
VIN: 5.5V to 60V, VOUT(MIN) = 1.2V, IQ = 2.5mA, ISD = 25μA, TSSOP-16/E Package
LT1962
300mA, Low Noise Micropower, LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, VDO = 0.27V, IQ = 30μA, ISD <1μA,
Low Noise < 20μVRMS, MS8 Package
LT1963/
LT1963A
1.5A, Low Noise, Fast Transient Response,
LDO
VIN: 2.1V to 20V, VOUT(MIN) = 1.21V, VDO = 0.34V, IQ = 1mA, ISD <1μA,
Low Noise < 40μVRMS, “A” Version Stable with Ceramic Capacitors,
DD, TO220-5, S0T-223 and S8 Packages
LT1965
1.1A, Low Noise, Low Dropout Linear
Regulator
310mV Dropout Voltage, Low Noise = 40μVRMS, VIN: 1.8V to 20V,
VOUT: 1.2V to 19.5V, Stable with Ceramic Capacitors, TO-220, DDPak,
MSOP and 3mm
× 3mm DFN Packages
LT3009
20mA, 3μA IQ Micropower LDO
280mV Dropout Voltage, Low IQ = 3μA, VIN: 1.6V to 20V, ThinSOT and SC-70 Packages
LT3010/
LT3010H
50mA, 3V to 80V, Low Noise Micropower
LDO
VIN: 3V to 8V, VOUT(MIN) = 1.275V, VDO = 0.3V, IQ = 30μA, ISD = 1μA,
Low Noise < 100μVRMS, MS8E Package, H Grade = +140°C TJMAX
LT3012/
LT3012H
250mA, 4V to 80V, Low Dropout
Micropower Linear Regulator
VIN: 4V to 80V, VOUT: 1.24V to 60V, VDO = 0.4V, IQ = 40μA, ISD <1μA,
TSSOP-16E and 4mm
× 3mm DFN-12 Packages, H Grade = +140°C TJMAX
LT3013/
LT3013H
250mA, 4V to 80V, Low Dropout
Micropower Linear Regulator
VIN: 4V to 80V, VOUT: 1.24V to 60V, VDO = 0.4V, IQ = 65μA, ISD <1μA,
TSSOP-16E and 4mm
× 3mm DFN-12 Packages, H Grade = +140°C TJMAX, PWRGD Flag
LT3014/HV
20mA, 3V to 80V, Low Dropout
Micropower Linear Regulator
VIN: 3V to 80V (100V for 2ms, HV Version), VOUT: 1.22V to 60V, VDO = 0.35V,
IQ = 7μA, ISD <1μA, ThinSOT and 3mm × 3mm DFN-8 Packages
LT3080/
LT3080-1
1.1A, Parallelable, Low Noise, Low
Dropout Linear Regulator
300mV Dropout Voltage (2-Supply Operation), Low Noise = 40μVRMS, VIN: 1.2V to 36V,
VOUT: 0V to 35.7V, Current-Based Reference with One Resistor VOUT Set; Directly
Parallelable (No Op Amp Required), Stable with Ceramic Capacitors, TO-220, SOT-223,
MSOP and 3mm
× 3mm DFN Packages; LT3080-1 Features an Integrated Ballast Resistor
ThinSOT is a trademark of Linear Technology Corporation.
RELATED PARTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com