Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT3011 Fiches technique(PDF) 1 Page - Linear Technology

No de pièce LT3011
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT3011 Fiches technique(HTML) 1 Page - Linear Technology

  LT3011 Datasheet HTML 1Page - Linear Technology LT3011 Datasheet HTML 2Page - Linear Technology LT3011 Datasheet HTML 3Page - Linear Technology LT3011 Datasheet HTML 4Page - Linear Technology LT3011 Datasheet HTML 5Page - Linear Technology LT3011 Datasheet HTML 6Page - Linear Technology LT3011 Datasheet HTML 7Page - Linear Technology LT3011 Datasheet HTML 8Page - Linear Technology LT3011 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3011
1
3011f
OUTPUT CURRENT (mA)
0
250
300
350
40
3011 TA02
200
150
10
20
30
50
100
50
0
n Wide Input Voltage Range: 3V to 80V
n Low Quiescent Current: 46μA
n Low Dropout Voltage: 300mV
n Output Current: 50mA
n PWRGD Flag with Programmable Delay
n No Protection Diodes Needed
n Adjustable Output from 1.24V to 60V
n 1μA Quiescent Current in Shutdown
n Stable with 1μF Output Capacitor
n Stable with Ceramic, Tantalum, and Aluminum
Capacitors
n Reverse-Battery Protection
n No Reverse Current Flow from Output to Input
n Thermal Limiting
n Thermally Enhanced 12-Lead MSOP and
10-Pin (3mm
× 3mm) DFN Packages
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
50mA, 3V to 80V Low
Dropout Micropower Linear
Regulator with PWRGD
The LT®3011 is a high voltage, micropower, low dropout
linear regulator. The device is capable of supplying 50mA of
output current with a dropout voltage of 300mV. Designed
for use in battery-powered high voltage systems, the low
quiescent current (46μA operating and 1μA in shutdown)
is well controlled in dropout, making the LT3011 an ideal
choice.
The LT3011 includes a PWRGD flag to indicate output
regulation. The delay between regulated output level and
flag indication is programmable with a single capacitor.
The LT3011 also has the ability to operate with very small
output capacitors; it is stable with only 1μF on the output.
Small ceramic capacitors can be used without the addition
of any series resistance (ESR) as is common with other
regulators. Internal protection circuitry includes reverse-
battery protection, current limiting, thermal limiting, and
reverse current protection.
The LT3011 features an adjustable output with a 1.24V
reference voltage. The device is available in the thermally
enhanced 12-lead MSOP and the low profile (0.75mm)
10-pin (3mm
× 3mm) DFN package, both providing excel-
lent thermal characteristics.
5V Supply with Shutdown
n Low Current High Voltage Regulators
n Regulator for Battery-Powered Systems
n Telecom Applications
n Automotive Applications
Dropout Voltage
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
1μF
VIN
3V TO
80V
3011 TA01
VOUT
5V
50mA
VSHDN
<0.3V
>2.0V
OUTPUT
OFF
ON
1μF
750k
249k
1.6M
IN
LT3011
SHDN
PWRGD
OUT
ADJ
CT
GND
1000pF
POWER GOOD


Numéro de pièce similaire - LT3011

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT3011 LINER-LT3011 Datasheet
405Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results

Description similaire - LT3011

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
50mA, 3V to 80V Low Dropout Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com