Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT3011 Fiches technique(PDF) 14 Page - Linear Technology

No de pièce LT3011
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT3011 Fiches technique(HTML) 14 Page - Linear Technology

Back Button LT3011 Datasheet HTML 8Page - Linear Technology LT3011 Datasheet HTML 9Page - Linear Technology LT3011 Datasheet HTML 10Page - Linear Technology LT3011 Datasheet HTML 11Page - Linear Technology LT3011 Datasheet HTML 12Page - Linear Technology LT3011 Datasheet HTML 13Page - Linear Technology LT3011 Datasheet HTML 14Page - Linear Technology LT3011 Datasheet HTML 15Page - Linear Technology LT3011 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT3011
14
3011f
TYPICAL APPLICATIONS
LOAD CURRENT (A)
0
80
90
100
1.00
3011 TA04
70
60
50
0.25
0.50
0.75
1.25
VIN = 10V
VIN = 42V
VOUT = 5V
L = 68 H
BOOST
VIN
6
2
10
12
D1
10MQ060N
R1
15.4k
VOUT
5V
1A/250mA
4
3, 11
10
8
5
1
2
15
14
11
CC
1nF
FOR INPUT VOLTAGES BELOW 7.5V,
SOME RESTRICTIONS MAY APPLY
INCREASE L1 TO 30 H FOR LOAD
CURRENTS ABOVE 0.6A AND TO
60 H ABOVE 1A.
LT3011 PIN NUMBERS ARE FOR
THE DD PACKAGE.
1, 8, 9, 16
LT1766
SHDN
SYNC
SW
BIAS
FB
VC
GND
C2
0.33 F
C1
100 F 10V
SOLID
TANTALUM
L1
15 H
D2
D1N914
R2
4.99k
3011 TA03
750k
249k
C3
4.7 F
100V
CERAMIC
VIN
5.5V*
TO 60V
+
ADJ
OUT
IN
SHDN
PWRGD
LT3011
GND
6
CT
OPERATING
CURRENT
HIGH
LOW
*
100k
1000pF
+
ADJ
OUT
IN
SHDN
LT3011
GND
ON
OFF
1 F
1 F
750k
VIN
12V
(FUTURE 42V)
LOAD: CLOCK,
SECURITY SYSTEM
ETC
+
ADJ
OUT
IN
SHDN
LT3011
GND
ON
OFF
1 F
1 F
VIN
48V
(72V TRANSIENT)
LOAD:
SYSTEM MONITOR
ETC
NO PROTECTION
DIODE NEEDED!
NO PROTECTION
DIODE NEEDED!
3011 TA05
BACKUP
BATTERY
249k
750k
249k
5V Buck Converter with Low Current Keep Alive Backup
Buck Converter
Efficiency vs Load Current
LT3011 Automotive Application
LT3011 Telecom Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com