Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3002 Fiches technique(PDF) 23 Page - Renesas Technology Corp

No de pièce H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Fiches technique(HTML) 23 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 19Page - Renesas Technology Corp H8/3002 Datasheet HTML 20Page - Renesas Technology Corp H8/3002 Datasheet HTML 21Page - Renesas Technology Corp H8/3002 Datasheet HTML 22Page - Renesas Technology Corp H8/3002 Datasheet HTML 23Page - Renesas Technology Corp H8/3002 Datasheet HTML 24Page - Renesas Technology Corp H8/3002 Datasheet HTML 25Page - Renesas Technology Corp H8/3002 Datasheet HTML 26Page - Renesas Technology Corp H8/3002 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 700 page
background image
1.3.2 Pin Functions
Pin Assignments in Each Mode: Table 1-2 lists the pin assignments in each mode.
Table 1-2 Pin Assignments in Each Mode
Pin No.
Pin Name
FP-100B,
TFP-100B FP-100A Mode 1
Mode 2
Mode 3
Mode 4
13
VCC
VCC
VCC
VCC
2
4
PB0/TP8/TIOCA3
PB0/TP8/TIOCA3
PB0/TP8/TIOCA3
PB0/TP8/TIOCA3
35
PB1/TP9/TIOCB3
PB1/TP9/TIOCB3
PB1/TP9/TIOCB3
PB1/TP9/TIOCB3
46
PB2/TP10/TIOCA4
PB2/TP10/TIOCA4
PB2/TP10/TIOCA4
PB2/TP10/TIOCA4
57
PB3/TP11/TIOCB4
PB3/TP11/TIOCB4
PB3/TP11/TIOCB4
PB3/TP11/TIOCB4
68
PB4/TP12/TOCXA4
PB4/TP12/TOCXA4
PB4/TP12/TOCXA4
PB4/TP12/TOCXA4
79
PB5/TP13/TOCXB4
PB5/TP13/TOCXB4
PB5/TP13/TOCXB4
PB5/TP13/TOCXB4
810
PB6/TP14/DREQ0
PB6/TP14/DREQ0
PB6/TP14/DREQ0
PB6/TP14/DREQ0
911
PB7/TP15/DREQ1/ADTRG PB7/TP15/DREQ1/ADTRG PB7/TP15/DREQ1/ADTRG PB7/TP15/DREQ1/ADTRG
10
12
RESO
RESO
RESO
RESO
11
13
VSS
VSS
VSS
VSS
12
14
P90/TxD0
P90/TxD0
P90/TxD0
P90/TxD0
13
15
P91/TxD1
P91/TxD1
P91/TxD1
P91/TxD1
14
16
P92/RxD0
P92/RxD0
P92/RxD0
P92/RxD0
15
17
P93/RxD1
P93/RxD1
P93/RxD1
P93/RxD1
16
18
P94/SCK0/IRQ4
P94/SCK0/IRQ4
P94/SCK0/IRQ4
P94/SCK0/IRQ4
17
19
P95/SCK1/IRQ5
P95/SCK1/IRQ5
P95/SCK1/IRQ5
P95/SCK1/IRQ5
18
20
P40/D0*
1
P40/D0*
2
P40/D0*
1
P40/D0*
2
19
21
P41/D1*
1
P41/D1*
2
P41/D1*
1
P41/D1*
2
20
22
P42/D2*
1
P42/D2*
2
P42/D2*
1
P42/D2*
2
21
23
P43/D3*
1
P43/D3*
2
P43/D3*
1
P43/D3*
2
22
24
VSS
VSS
VSS
VSS
23
25
P44/D4*
1
P44/D4*
2
P44/D4*
1
P44/D4*
2
24
26
P45/D5*
1
P45/D5*
2
P45/D5*
1
P45/D5*
2
25
27
P46/D6*
1
P46/D6*
2
P46/D6*
1
P46/D6*
2
26
28
P47/D7*
1
P47/D7*
2
P47/D7*
1
P47/D7*
2
Notes: 1. In modes 1 and 3 the P40 to P47 functions of pins P40/D0 to P47/D7 are selected after a reset,
but they can be changed by software.
2. In modes 2 and 4 the D0 to D7 functions of pins P40/D0 to D47/D7 are selected after a reset, but
they can be changed by software.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More