| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3002 Fiches technique(PDF) 52 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3002 Fiches technique(HTML) 52 Page - Renesas Technology Corp |
|
52 / 700 page ![]() Table 2-8 Branching Instructions Instruction Size Function Bcc — Branches to a specified address if a specified condition is true. The branching conditions are listed below. Mnemonic Description Condition BRA (BT) Always (true) Always BRN (BF) Never (false) Never BHI High C ∨ Z = 0 BLS Low or same C ∨ Z = 1 Bcc (BHS) Carry clear (high or same) C = 0 BCS (BLO) Carry set (low) C = 1 BNE Not equal Z = 0 BEQ Equal Z = 1 BVC Overflow clear V = 0 BVS Overflow set V = 1 BPL Plus N = 0 BMI Minus N = 1 BGE Greater or equal N ⊕ V = 0 BLT Less than N ⊕ V = 1 BGT Greater than Z ∨ (N ⊕ V) = 0 BLE Less or equal Z ∨ (N ⊕ V) = 1 JMP — Branches unconditionally to a specified address BSR — Branches to a subroutine at a specified address JSR — Branches to a subroutine at a specified address RTS — Returns from a subroutine 37 |