Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3002 Fiches technique(PDF) 47 Page - Renesas Technology Corp

No de pièce H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Fiches technique(HTML) 47 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 43Page - Renesas Technology Corp H8/3002 Datasheet HTML 44Page - Renesas Technology Corp H8/3002 Datasheet HTML 45Page - Renesas Technology Corp H8/3002 Datasheet HTML 46Page - Renesas Technology Corp H8/3002 Datasheet HTML 47Page - Renesas Technology Corp H8/3002 Datasheet HTML 48Page - Renesas Technology Corp H8/3002 Datasheet HTML 49Page - Renesas Technology Corp H8/3002 Datasheet HTML 50Page - Renesas Technology Corp H8/3002 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 700 page
background image
Table 2-4 Arithmetic Operation Instructions
Instruction
Size*
Function
B/W/L
Rd ± Rs
→ Rd, Rd ± #IMM → Rd
Performs addition or subtraction on data in two general registers, or on
immediate data and data in a general register. (Immediate byte data cannot
be subtracted from data in a general register. Use the SUBX or ADD
instruction.)
B
Rd ± Rs ± C
→ Rd, Rd ± #IMM ± C → Rd
Performs addition or subtraction with carry or borrow on data in two general
registers, or on immediate data and data in a general register.
B/W/L
Rd ± 1
→ Rd, Rd ± 2 → Rd
Increments or decrements a general register by 1 or 2. (Byte operands can
be incremented or decremented by 1 only.)
L
Rd ± 1
→ Rd, Rd ± 2 → Rd, Rd ± 4 → Rd
Adds or subtracts the value 1, 2, or 4 to or from data in a 32-bit register.
B
Rd decimal adjust
→ Rd
Decimal-adjusts an addition or subtraction result in a general register by
referring to CCR to produce 4-bit BCD data.
MULXU
B/W
Rd
× Rs → Rd
Performs unsigned multiplication on data in two general registers: either
8 bits
× 8 bits → 16 bits or 16 bits × 16 bits → 32 bits.
MULXS
B/W
Rd
× Rs → Rd
Performs signed multiplication on data in two general registers: either
8 bits
× 8 bits → 16 bits or 16 bits × 16 bits → 32 bits.
Note: * Size refers to the operand size.
B: Byte
W: Word
L:
Longword
ADDX,
SUBX
INC,
DEC
ADD,
SUB
ADDS,
SUBS
DAA,
DAS
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More