Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3002 Fiches technique(PDF) 88 Page - Renesas Technology Corp

No de pièce H8/3002
Description  Microcomputer
PDF  700 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3002 Fiches technique(HTML) 88 Page - Renesas Technology Corp

Back Button H8/3002 Datasheet HTML 84Page - Renesas Technology Corp H8/3002 Datasheet HTML 85Page - Renesas Technology Corp H8/3002 Datasheet HTML 86Page - Renesas Technology Corp H8/3002 Datasheet HTML 87Page - Renesas Technology Corp H8/3002 Datasheet HTML 88Page - Renesas Technology Corp H8/3002 Datasheet HTML 89Page - Renesas Technology Corp H8/3002 Datasheet HTML 90Page - Renesas Technology Corp H8/3002 Datasheet HTML 91Page - Renesas Technology Corp H8/3002 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 700 page
background image
Section 5 Interrupt Controller
5.1 Overview
5.1.1 Features
The interrupt controller has the following features:
•
Interrupt priority registers (IPRs) for setting interrupt priorities
Interrupts other than NMI can be assigned to two priority levels on a module-by-module basis
in interrupt priority registers A and B (IPRA and IPRB).
•
Three-level masking by the I and UI bits in the CPU condition code register (CCR)
•
Independent vector addresses
All interrupts are independently vectored; the interrupt service routine does not have to
identify the interrupt source.
•
Seven external interrupt pins
NMI has the highest priority and is always accepted; either the rising or falling edge can be
selected. For each of IRQ0 to IRQ5, sensing of the falling edge or level sensing can be
selected independently.
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More