| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 282 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 282 Page - Renesas Technology Corp |
|
282 / 715 page ![]() Table 9-14 Port A Pin Functions (cont) Pin Pin Functions and Selection Method PA6/TP6/TIOCA2 ITU channel 2 settings (bit PWM2 in TMDR and bits IOA2 to IOA0 in TIOR2), bit NDER6 in NDERA, and bit PA6DDR in PADDR select the pin function as follows ITU channel 2 settings 1 in table below 2 in table below PA6DDR — 0 1 1 NDER6 — — 0 1 Pin function TIOCA2 output PA6 PA6 TP6 input output output TIOCA2 input* Note: * TIOCA2 input when IOA2 = 1. ITU channel 2 settings 2121 PWM2 0 1 IOA2 0 1 — IOA1 0 0 1 — — IOA0 0 1 — — — PA5/TP5/TIOCB1 ITU channel 1 settings (bit PWM1 in TMDR and bits IOB2 to IOB0 in TIOR1), bit NDER5 in NDERA, and bit PA5DDR in PADDR select the pin function as follows ITU channel 2 settings 1 in table below 2 in table below PA5DDR — 0 1 1 NDER5 — —0 1 Pin function TIOCB1 output PA5 PA5 TP5 input output output TIOCB1 input* Note: * TIOCB1 input when IOB2 = 1 and PWM1 = 0. ITU channel 1 settings 21 2 IOB2 0 1 IOB1 0 0 1 — IOB0 0 1 — — 264 |