Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3003 Fiches technique(PDF) 281 Page - Renesas Technology Corp

No de pièce H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Fiches technique(HTML) 281 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 277Page - Renesas Technology Corp H8/3003 Datasheet HTML 278Page - Renesas Technology Corp H8/3003 Datasheet HTML 279Page - Renesas Technology Corp H8/3003 Datasheet HTML 280Page - Renesas Technology Corp H8/3003 Datasheet HTML 281Page - Renesas Technology Corp H8/3003 Datasheet HTML 282Page - Renesas Technology Corp H8/3003 Datasheet HTML 283Page - Renesas Technology Corp H8/3003 Datasheet HTML 284Page - Renesas Technology Corp H8/3003 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 715 page
background image
9.8.3 Pin Functions
The port A pins are also used for TPC output (TP7 to TP0), ITU input/output (TIOCB2 to
TIOCB0, TIOCA2 to TIOCA0) and input (TCLKD, TCLKC, TCLKB, TCLKA), and DMAC
output (TEND1, TEND0). Table 9-14 describes the selection of pin functions.
Table 9-14 Port A Pin Functions
Pin
Pin Functions and Selection Method
PA7/TP7/TIOCB2
ITU channel 2 settings (bit PWM2 in TMDR and bits IOB2 to IOB0 in TIOR2),
bit NDER7 in NDERA, and bit PA7DDR in PADDR select the pin function as
follows
ITU channel
2 settings
1
in table below
2
in table below
PA7DDR
—
0
1
1
NDER7
—
—
0
1
Pin function
TIOCB2 output
PA7
PA7
TP7
input
output
output
TIOCB2 input*
Note: * TIOCB2 input when IOB2 = 1 and PWM2 = 0.
ITU channel
2 settings
21
2
IOB2
0
1
IOB1
0
0
1
—
IOB0
0
1
—
—
263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More