| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 132 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 132 Page - Renesas Technology Corp |
|
132 / 715 page ![]() 8-Bit, Two-State-Access Areas: Figure 6-5 shows the timing of bus control signals for an 8-bit, two-state-access area. The upper address bus (D15 to D8) is used to access these areas. The LWR pin is always high. Wait states cannot be inserted. Figure 6-5 Bus Control Signal Timing for 8-Bit, Two-State-Access Area ø Address bus CS AS RD D to D D to D HWR LWR D to D D to D 15 8 7 0 15 8 7 0 n T1 T2 Read access Write access High Bus cycle External address in area n Valid Invalid Valid Undetermined data Note: n = 7 to 0 114 |