Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3003 Fiches technique(PDF) 131 Page - Renesas Technology Corp

No de pièce H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Fiches technique(HTML) 131 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 127Page - Renesas Technology Corp H8/3003 Datasheet HTML 128Page - Renesas Technology Corp H8/3003 Datasheet HTML 129Page - Renesas Technology Corp H8/3003 Datasheet HTML 130Page - Renesas Technology Corp H8/3003 Datasheet HTML 131Page - Renesas Technology Corp H8/3003 Datasheet HTML 132Page - Renesas Technology Corp H8/3003 Datasheet HTML 133Page - Renesas Technology Corp H8/3003 Datasheet HTML 134Page - Renesas Technology Corp H8/3003 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 715 page
background image
6.3.4 Bus Control Signal Timing
8-Bit, Three-State-Access Areas: Figure 6-4 shows the timing of bus control signals for an 8-bit,
three-state-access area. The upper address bus (D15 to D8) is used to access these areas. The LWR
pin is always high. Wait states can be inserted.
Figure 6-4 Bus Control Signal Timing for 8-Bit, Three-State-Access Area
ø
Address bus
CS
AS
RD
D
to D
D to D
HWR
LWR
D
to D
D to D
n
15
8
7
0
15
8
7
0
T1
T2
T3
Read
access
Write
access
Bus cycle
External address in area n
Valid
Invalid
High
Valid
Undetermined data
Note: n = 7 to 0
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More