| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 377 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 377 Page - Renesas Technology Corp |
|
377 / 715 page ![]() Figure 10-53 shows an example in which GRB3 is buffered by BRB3 in complementary PWM mode. Buffering is used to set GRB3 to a higher value than GRA3, generating a PWM waveform with 0% duty cycle. The BRB3 value is transferred to GRB3 when TCNT3 matches GRA3, and when TCNT4 underflows. Figure 10-53 Register Buffering (Example 4: Buffering in Complementary PWM Mode) TCNT3 and TCNT4 values Time GRA3 H'0999 H'0000 TCNT3 TCNT4 GRB3 H'1FFF BRB3 GRB3 TIOCA3 TIOCB3 H'0999 H'0999 H'0999 H'1FFF H'0999 H'1FFF H'1FFF H'0999 359 |