| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 373 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 373 Page - Renesas Technology Corp |
|
373 / 715 page ![]() Examples of Buffering: Figure 10-49 shows an example in which GRA is set to function as an output compare register buffered by BRA, TCNT is set to operate as a periodic counter cleared by GRB compare match, and TIOCA and TIOCB are set to toggle at compare match A and B. Because of the buffer setting, when TIOCA toggles at compare match A, the BRA value is simultaneously transferred to GRA. This operation is repeated each time compare match A occurs. Figure 10-50 shows the transfer timing. Figure 10-49 Register Buffering (Example 1: Buffering of Output Compare Register) GRB H'0250 H'0200 H'0100 H'0000 BRA GRA TIOCB TIOCA TCNT value Counter cleared by compare match B Time Toggle output Toggle output Compare match A H'0200 H'0250 H'0100 H'0200 H'0100 H'0200 H'0200 355 |