Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8/3003 Fiches technique(PDF) 348 Page - Renesas Technology Corp

No de pièce H8/3003
Description  microcontroller (MCU)
PDF  715 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3003 Fiches technique(HTML) 348 Page - Renesas Technology Corp

Back Button H8/3003 Datasheet HTML 344Page - Renesas Technology Corp H8/3003 Datasheet HTML 345Page - Renesas Technology Corp H8/3003 Datasheet HTML 346Page - Renesas Technology Corp H8/3003 Datasheet HTML 347Page - Renesas Technology Corp H8/3003 Datasheet HTML 348Page - Renesas Technology Corp H8/3003 Datasheet HTML 349Page - Renesas Technology Corp H8/3003 Datasheet HTML 350Page - Renesas Technology Corp H8/3003 Datasheet HTML 351Page - Renesas Technology Corp H8/3003 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 715 page
background image
Figure 10-23 Setup Procedure for Input Capture (Example)
•
Examples of input capture
Figure 10-24 illustrates input capture when the falling edge of TIOCB and both edges of
TIOCA are selected as capture edges. TCNT is cleared by input capture into GRB.
Figure 10-24 Input Capture (Example)
Input selection
Select input-capture input
Start counter
Input capture
Set TIOR to select the input capture function of a
general register and the rising edge, falling edge,
or both edges of the input capture signal. Clear the
port data direction bit to 0 before making these
TIOR settings.
Set the STR bit to 1 in TSTR to start the timer
counter.
1
2
1.
2.
H'0005
H'0180
Time
H'0180
H'0160
H'0005
H'0000
TIOCB
TIOCA
GRA
GRB
Counter cleared by TIOCB
input (falling edge)
TCNT value
H'0160
330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More