| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3003 Fiches technique(PDF) 347 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3003 Fiches technique(HTML) 347 Page - Renesas Technology Corp |
|
347 / 715 page ![]() • Output compare timing The compare match signal is generated in the last state in which TCNT and the general register match (when TCNT changes from the matching value to the next value). When the compare match signal is generated, the output value selected in TIOR is output at the output compare pin (TIOCA or TIOCB). When TCNT matches a general register, the compare match signal is not generated until the next counter clock pulse. Figure 10-22 shows the output compare timing. Figure 10-22 Output Compare Timing Input Capture Function: The TCNT value can be captured into a general register when a transition occurs at an input capture/output compare pin (TIOCA or TIOCB). Capture can take place on the rising edge, falling edge, or both edges. The input capture function can be used to measure pulse width or period. • Sample setup procedure for input capture Figure 10-23 shows a sample procedure for setting up input capture. N + 1 N N ø TCNT input clock TCNT GR Compare match signal TIOCA, TIOCB 329 |