| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 675 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 675 Page - Renesas Technology Corp |
|
675 / 712 page ![]() Appendix B. Internal I/O Register Field Rev.2.00 Mar. 22, 2007 Page 651 of 684 REJ09B0352-0200 ISCR—IRQ Sense Control Register H'F4 Interrupt controller Bit Initial value Read/Write 7 — 0 R/W 6 — 0 R/W 5 IRQ5SC 0 R/W 4 IRQ4SC 0 R/W 3 — 0 R/W 2 — 0 R/W 1 IRQ1SC 0 R/W 0 IRQ0SC 0 R/W IRQ , IRQ , IRQ and IRQ sense control 0 Interrupts are requested when IRQ , IRQ , IRQ , and IRQ inputs are low 1 Interrupts are requested by falling-edge input at IRQ , IRQ , IRQ and IRQ 5 0 5 1 4 54 10 0 4 1 IER—IRQ Enable Register H'F5 Interrupt controller Bit Initial value Read/Write 7 — 0 R/W 6 — 0 R/W 5 IRQ5E 0 R/W 4 IRQ4E 0 R/W 3 — 0 R/W 2 — 0 R/W 1 IRQ1E 0 R/W 0 IRQ0E 0 R/W IRQ5, IRQ4, IRQ1, IRQ0 enable 0 IRQ5, IRQ4, IRQ1 and IRQ0 interrupts are disabled 1 IRQ5, IRQ4, IRQ1 and IRQ0 interrupts are enabled |