| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 677 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 677 Page - Renesas Technology Corp |
|
677 / 712 page ![]() Appendix B. Internal I/O Register Field Rev.2.00 Mar. 22, 2007 Page 653 of 684 REJ09B0352-0200 IPRA—Interrupt Priority Register A H'F8 Interrupt controller Bit Initial value Read/Write 7 IPRA7 0 R/W 6 IPRA6 0 R/W 5 — 0 R/W 4 IPRA4 0 R/W 3 IPRA3 0 R/W 0 IPRA0 0 R/W 2 IPRA2 0 R/W 1 IPRA1 0 R/W Priority level A7, A6, A4 to A0 0 Priority level 0 (low priority) 1 Priority level 1 (high priority) • Interrupt sources controlled by each bit Bit 7 IPRA7 Bit 6 IPRA6 Bit 5 — Bit 4 IPRA4 Bit 3 IPRA3 Bit 2 IPRA2 Bit 1 IPRA1 Bit 0 IPRA0 Interrupt IRQ 0 IRQ 1 — IRQ 4, WDT ITU ITU ITU source IRQ 5 chan- chan- chan- nel 0 nel 1 nel 2 IPRB—Interrupt Priority Register B H'F9 Interrupt controller Bit Initial value Read/Write 7 IPRB7 0 R/W 6 IPRB6 0 R/W 5 — 0 R/W 4 — 0 R/W 3 IPRB3 0 R/W 0 — 0 R/W 2 IPRB2 0 R/W 1 IPRB1 0 R/W Priority level B7, B6, B3 to B1 0 Priority level 0 (low priority) 1 Priority level 1 (high priority) • Interrupt sources controlled by each bit Bit 7 IPRB7 Bit 6 IPRB6 Bit 5 — Bit 4 — Bit 3 IPRB3 Bit 2 IPRB2 Bit 1 IPRB1 Bit 0 — Interrupt ITU ITU — — SCI SCI A/D — source chan- chan- chan- chan- con- nel 3 nel 4 nel 0 nel 1 verter |