| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 672 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 672 Page - Renesas Technology Corp |
|
672 / 712 page ![]() Appendix B. Internal I/O Register Field Rev.2.00 Mar. 22, 2007 Page 648 of 684 REJ09B0352-0200 WCER—Wait Controller Enable Register H'EF Bus controller Bit Initial value Read/Write 7 WCE7 1 R/W 6 WCE6 1 R/W 5 WCE5 1 R/W 4 WCE4 1 R/W 3 WCE3 1 R/W 0 WCE0 1 R/W 2 WCE2 1 R/W 1 WCE1 1 R/W Wait state controller enable 7 to 0 0 Wait-state control is disabled (pin wait mode 0) 1 Wait-state control is enabled MDCR—Mode Control Register H'F1 System control Bit Initial value Read/Write 7 — 1 — 6 — 1 — 5 — 0 — 4 — 0 — 3 — 0 — 0 MDS0 — R 2 MDS2 —* R 1 MDS1 — R ** Note: * Determined by the state of the mode pins (MD2 to MD0). Mode select 2 to 0 Operating mode — Mode 1 — Mode 3 MD1 0 1 Bit 1 MD0 0 1 0 1 Bit 0 Bit 2 MD2 0 — Mode 7 Mode 5 0 1 0 1 0 1 1 Mode 6 |