| Moteur de recherche de fiches techniques de composants électroniques |
|
H8/3021 Fiches technique(PDF) 669 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 Fiches technique(HTML) 669 Page - Renesas Technology Corp |
|
669 / 712 page ![]() Appendix B. Internal I/O Register Field Rev.2.00 Mar. 22, 2007 Page 645 of 684 REJ09B0352-0200 ADCR—A/D Control Register H'E9 A/D Bit Initial value Read/Write 7 TRGE 0 R/W 6 — 1 — 5 — 1 — 4 — 1 — 3 — 1 — 0 — 1 — 2 — 1 — 1 — 1 — Trigger enable 0 A/D conversion cannot be externally triggered 1 A/D conversion starts at the fall of the external trigger signal ( ) ADTRG |