| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX1663 Fiches technique(PDF) 319 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Fiches technique(HTML) 319 Page - Renesas Technology Corp |
|
319 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 267 of 1102 REJ09B0294-0100 6.11.11 Controlling Byte and Word Accesses When 16-bit bus SDRAM is used, byte and word accesses are performed through the control of DQMLU and DQMLL. Figures 6.69 and 6.70 show control timing examples of the DQM signals in the big endian format. Figure 6.71 shows a connection example when the DQM signals are used for the byte and word control. T p T r T c1 T cl T c2 Address bus Row address Column address SD φ CS Precharge-sel RAS CAS WE CKE PALL ACTV READ NOP DQMLU DQMLL D7 to D0 BS RD/ WR D15 to D8 Row address High High Hi-Z Figure 6.69 Control Timing Example of Byte Control by DQM in 16-Bit Access Space (Read Access with Lowest Bit of Address = B'0) |