Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX1663 Fiches technique(PDF) 311 Page - Renesas Technology Corp

No de pièce H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Fiches technique(HTML) 311 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 307Page - Renesas Technology Corp H8SX1663 Datasheet HTML 308Page - Renesas Technology Corp H8SX1663 Datasheet HTML 309Page - Renesas Technology Corp H8SX1663 Datasheet HTML 310Page - Renesas Technology Corp H8SX1663 Datasheet HTML 311Page - Renesas Technology Corp H8SX1663 Datasheet HTML 312Page - Renesas Technology Corp H8SX1663 Datasheet HTML 313Page - Renesas Technology Corp H8SX1663 Datasheet HTML 314Page - Renesas Technology Corp H8SX1663 Datasheet HTML 315Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 1158 page
background image
Section 6 Bus Controller (BSC)
Rev.1.00 Jun. 07, 2006 Page 259 of 1102
REJ09B0294-0100
6.11.6
CAS Latency Control
The CAS latency is controlled by bits W21 and W20 in WTCRB. Table 6.27 lists the setting and
CAS latency. CAS latency control cycles (Tcl) are inserted in a read cycle according to the W21
and W20 settings. WTCRB can be specified regardless of bit AST2 in ASTCR.
Figure 6.62 shows a timing example when SDRAM with a CAS latency of 3 is in use.
Bits W21 and W20 is initialized to B'11.
Table 6.27
CAS Latency Setting
W21
W20
Description
Number of CAS
Latency Cycles
0
0
Setting prohibited
1
SDRAM with CAS latency of 2 is in use
1
1
0
SDRAM with CAS latency of 3 is in use
2
1
SDRAM with CAS latency of 4 is in use
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More