Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX1663 Fiches technique(PDF) 167 Page - Renesas Technology Corp

No de pièce H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Fiches technique(HTML) 167 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 163Page - Renesas Technology Corp H8SX1663 Datasheet HTML 164Page - Renesas Technology Corp H8SX1663 Datasheet HTML 165Page - Renesas Technology Corp H8SX1663 Datasheet HTML 166Page - Renesas Technology Corp H8SX1663 Datasheet HTML 167Page - Renesas Technology Corp H8SX1663 Datasheet HTML 168Page - Renesas Technology Corp H8SX1663 Datasheet HTML 169Page - Renesas Technology Corp H8SX1663 Datasheet HTML 170Page - Renesas Technology Corp H8SX1663 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 1158 page
background image
Section 5 Interrupt Controller
Rev.1.00 Jun. 07, 2006 Page 115 of 1102
REJ09B0294-0100
Classification
Interrupt Source
Vector
Number
Vector
Address
Offset*
IPR
Priority
DTC
Activation
DMAC
Activation
IICI0
216
H'0360
High
—
—
IIC2
Reserved for
system use
217
H'0364
IPRQ6 to IPRQ4
—
—
IICI1
218
H'0368
—
—
Reserved for
system use
219
H'036C
—
—
RXI5
220
H'0370
—
O
SCI_5
TXI5
221
H'0374
IPRQ2 to IPRQ0
—
O
ERI5
222
H'0378
—
—
TEI5
223
H'037C
—
—
RXI6
224
H'0380
—
O
SCI_6
TXI6
225
H'0384
IPRR14 to IPRR12
—
O
ERI6
226
H'0388
—
—
TEI6
227
H'038C
—
—
TMR_4
CMIA4 or CMIB4 228
H'0390
—
—
TMR_5
CMIA5 or CMIB5 229
H'0394
IPRR10 to IPRR8
—
—
TMR_6
CMIA6 or CMIB6 230
H'0398
—
—
TMR_7
CMIA7 or CMIB7 231
H'039C
—
—
USBINTN0
232
H'03A0
—
O
USB
USBINTN1
233
H'03A4
IPRR6 to IPRR4
—
O
USBINTN2
234
H'03A8
—
—
USBINTN3
235
H'03AC
—
—
236
H'03B0
—
—
—
Reserved for
system use
237
H'03B4
—
—
USB
resume
238
H'03B8
IPRR2 to IPRR0
—
—
—
Reserved for
system use
239
|
255
H'03BC
|
H'03FC
—
Low
—
|
—
—
|
—
Note:
*
Lower 16 bits of the start address in advanced, middle, and maximum modes.