Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX1663 Fiches technique(PDF) 952 Page - Renesas Technology Corp

No de pièce H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Fiches technique(HTML) 952 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 948Page - Renesas Technology Corp H8SX1663 Datasheet HTML 949Page - Renesas Technology Corp H8SX1663 Datasheet HTML 950Page - Renesas Technology Corp H8SX1663 Datasheet HTML 951Page - Renesas Technology Corp H8SX1663 Datasheet HTML 952Page - Renesas Technology Corp H8SX1663 Datasheet HTML 953Page - Renesas Technology Corp H8SX1663 Datasheet HTML 954Page - Renesas Technology Corp H8SX1663 Datasheet HTML 955Page - Renesas Technology Corp H8SX1663 Datasheet HTML 956Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 952 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 900 of 1102
REJ09B0294-0100
(5) Flash Multipurpose Data Destination Parameter (FMPDR: General Register ER0 of
CPU)
FMPDR stores the start address in the area which stores the data to be programmed in the user
MAT.
When the storage destination for the program data is in flash memory, an error occurs. The error
occurrence is indicated by the WD bit in FPFR.
31
MOD31
30
MOD30
29
MOD29
28
MOD28
27
MOD27
24
MOD24
26
MOD26
25
MOD25
23
MOD23
22
MOD22
21
MOD21
20
MOD20
19
MOD19
16
MOD16
18
MOD18
17
MOD17
15
MOD15
14
MOD14
13
MOD13
12
MOD12
11
MOD11
8
MOD8
10
MOD10
9
MOD9
7
MOD7
6
MOD6
5
MOD5
4
MOD4
3
MOD3
0
MOD0
2
MOD2
1
MOD1
Bit
Bit Name
Bit
Bit Name
Bit
Bit Name
Bit
Bit Name
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
MOD31 to
MOD0
R/W
These bits store the start address of the area which
stores the program data for the user MAT. Consecutive
128-byte data is programmed to the user MAT starting
from the specified start address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More