Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX1663 Fiches technique(PDF) 946 Page - Renesas Technology Corp

No de pièce H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Fiches technique(HTML) 946 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 942Page - Renesas Technology Corp H8SX1663 Datasheet HTML 943Page - Renesas Technology Corp H8SX1663 Datasheet HTML 944Page - Renesas Technology Corp H8SX1663 Datasheet HTML 945Page - Renesas Technology Corp H8SX1663 Datasheet HTML 946Page - Renesas Technology Corp H8SX1663 Datasheet HTML 947Page - Renesas Technology Corp H8SX1663 Datasheet HTML 948Page - Renesas Technology Corp H8SX1663 Datasheet HTML 949Page - Renesas Technology Corp H8SX1663 Datasheet HTML 950Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 946 / 1158 page
background image
Section 21 Flash Memory (0.18-
µm F-ZTAT Version)
Rev.1.00 Jun. 07, 2006 Page 894 of 1102
REJ09B0294-0100
(2) Flash Pass and Fail Parameter (FPFR: General Register R0L of CPU)
FPFR indicates the return values of the initialization, programming, and erasure results. The
meaning of the bits in FPFR varies depending on the processing.
(a) Initialization before programming/erasing
FPFR indicates the return value of the initialization result.
7
6
5
4
3
0
SF
2
1
FQ
Bit
Bit Name
Bit
Bit Name
Initial
Value
R/W
Description
7 to 2
Unused
These bits return 0.
1
FQ
R/W
Frequency Error Detect
Compares the specified CPU operating frequency with
the operating frequencies supported by this LSI, and
returns the result.
0: Setting of operating frequency is normal
1: Setting of operating frequency is abnormal
0
SF
R/W
Success/Fail
Returns the initialization result.
0: Initialization has ended normally (no error)
1: Initialization has ended abnormally (error occurs)
(b) Programming
FPFR indicates the return value of the programming result.
7
6
MD
5
EE
4
FK
3
0
SF
2
WD
1
WA
Bit
Bit Name
Bit
Bit Name
Initial
Value
R/W
Description
7
Unused
Returns 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More