| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX1663 Fiches technique(PDF) 837 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Fiches technique(HTML) 837 Page - Renesas Technology Corp |
|
837 / 1158 page ![]() Section 16 USB Function Module (USB) Rev.1.00 Jun. 07, 2006 Page 785 of 1102 REJ09B0294-0100 Table 16.5 Relationship between Pin Input and TRNTREG1 Monitoring Value Register Setting Pin Input TRNTREG1 Monitoring Value PTSTE SUSPEND VBUS USD+ USD- xver_data dpls dmns Remarks 0 X X X X 0 0 0 Cannot be monitored when PTSTE = 0 1 0 1 0 0 X 0 0 1 0 1 0 1 0 0 1 1 0 1 1 0 1 1 0 1 0 1 1 1 X 1 1 1 1 1 0 0 0 0 0 1 1 1 0 1 0 0 1 1 1 1 1 0 0 1 0 1 1 1 1 1 0 1 1 Can be monitored when PTSTE = 1 1 X 0 X X 0 1 1 Can be monitored when VBUS = 0 [Legend] X: Don't care. |