| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX1663 Fiches technique(PDF) 751 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Fiches technique(HTML) 751 Page - Renesas Technology Corp |
|
751 / 1158 page ![]() Section 15 Serial Communication Interface (SCI, IrDA, CRC) Rev.1.00 Jun. 07, 2006 Page 699 of 1102 REJ09B0294-0100 15.4.1 Data Transfer Format Table 15.11 shows the data transfer formats that can be used in asynchronous mode. Any of 12 transfer formats can be selected according to the SMR setting. For details on the multiprocessor bit, see section 15.5, Multiprocessor Communication Function. Table 15.11 Serial Transfer Formats (Asynchronous Mode) S 8-bit data STOP S 7-bit data STOP S 8-bit data STOP STOP S 8-bit data P STOP S 7-bit data STOP P S 8-bit data MPB STOP S 8-bit data MPB STOP STOP S 7-bit data STOP MPB S 7-bit data STOP MPB STOP S 7-bit data STOP STOP SMR Settings 123456789 10 11 12 Serial Transfer Format and Frame Length STOP S 8-bit data P STOP S 7-bit data STOP P STOP CHR PE MP STOP 00 0 0 00 0 1 01 0 0 01 0 1 10 0 0 10 0 1 11 0 0 11 0 1 0– 1 0 0– 1 1 1– 1 0 1– 1 1 [Legend] S: Start bit STOP: Stop bit P: Parity bit MPB: Multiprocessor bit |