Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX1663 Fiches technique(PDF) 737 Page - Renesas Technology Corp

No de pièce H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Fiches technique(HTML) 737 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 733Page - Renesas Technology Corp H8SX1663 Datasheet HTML 734Page - Renesas Technology Corp H8SX1663 Datasheet HTML 735Page - Renesas Technology Corp H8SX1663 Datasheet HTML 736Page - Renesas Technology Corp H8SX1663 Datasheet HTML 737Page - Renesas Technology Corp H8SX1663 Datasheet HTML 738Page - Renesas Technology Corp H8SX1663 Datasheet HTML 739Page - Renesas Technology Corp H8SX1663 Datasheet HTML 740Page - Renesas Technology Corp H8SX1663 Datasheet HTML 741Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 737 / 1158 page
background image
Section 15 Serial Communication Interface (SCI, IrDA, CRC)
Rev.1.00 Jun. 07, 2006 Page 685 of 1102
REJ09B0294-0100
Table 15.6
Maximum Bit Rate with External Clock Input (Asynchronous Mode)
P
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
P
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
8
2.0000
125000
17.2032
4.3008
268800
9.8304
2.4576
153600
18
4.5000
281250
10
2.5000
156250
19.6608
4.9152
307200
12
3.0000
187500
20
5.0000
312500
12.288
3.0720
192000
25
6.2500
390625
14
3.5000
218750
30
7.5000
468750
14.7456
3.6864
230400
33
8.2500
515625
16
4.0000
250000
35
8.7500
546875
Note:
In SCI_2, this is an example when the ABCS bit in SEMR_2 is 0.
When the ABCS bit is set to 1, the bit rate is two times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More