| Moteur de recherche de fiches techniques de composants électroniques |
|
H8SX1663 Fiches technique(PDF) 679 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 Fiches technique(HTML) 679 Page - Renesas Technology Corp |
|
679 / 1158 page ![]() Section 12 8-Bit Timers (TMR) Rev.1.00 Jun. 07, 2006 Page 627 of 1102 REJ09B0294-0100 12.5.4 Timing of Counter Clear by Compare Match TCNT is cleared when compare match A or B occurs, depending on the settings of the bits CCLR1 and CCLR0 in TCR. Figure 12.11 shows the timing of this operation. P φ N H'00 Compare match signal TCNT Figure 12.11 Timing of Counter Clear by Compare Match 12.5.5 Timing of TCNT External Reset* TCNT is cleared at the rising edge or high level of an external reset input, depending on the settings of bits CCLR1 and CCLR0 in TCR. The clear pulse width must be at least 2 states. Figure 12.12 and Figure 12.13 shows the timing of this operation. Note: * Clearing by an external reset is available only in units 0 and 1. P φ Clear signal External reset input pin TCNT N H'00 N – 1 Figure 12.12 Timing of Clearance by External Reset (Rising Edge) P φ Clear signal External reset input pin TCNT N H'00 N – 1 Figure 12.13 Timing of Clearance by External Reset (High Level) |