Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H8SX1663 Fiches technique(PDF) 524 Page - Renesas Technology Corp

No de pièce H8SX1663
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX1663 Fiches technique(HTML) 524 Page - Renesas Technology Corp

Back Button H8SX1663 Datasheet HTML 520Page - Renesas Technology Corp H8SX1663 Datasheet HTML 521Page - Renesas Technology Corp H8SX1663 Datasheet HTML 522Page - Renesas Technology Corp H8SX1663 Datasheet HTML 523Page - Renesas Technology Corp H8SX1663 Datasheet HTML 524Page - Renesas Technology Corp H8SX1663 Datasheet HTML 525Page - Renesas Technology Corp H8SX1663 Datasheet HTML 526Page - Renesas Technology Corp H8SX1663 Datasheet HTML 527Page - Renesas Technology Corp H8SX1663 Datasheet HTML 528Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 1158 page
background image
Section 9 I/O Ports
Rev.1.00 Jun. 07, 2006 Page 472 of 1102
REJ09B0294-0100
9.2.12
Port H
(1) PH7/D7, PH6/D6, PH5/D5, PH4/D4, PH3/D3, PH2/D2, PH1/D1, PH0/D0
The pin function is switched as shown below according to the combination of operating mode, the
EXPE bit, and the PHnDDR bit settings.
Setting
MCU Operating Mode
I/O Port
Module Name
Pin Function
EXPE
PHnDDR
Bus controller
Data I/O*
(initial setting E)
1
PHn output
0
1
I/O port
PHn input
(initial setting S)
0
0
[Legend]
Initial setting E:
Initial setting in external extended mode
Initial setting S:
Initial setting in single-chip mode
n:
0 to 7
Note:
*
Valid in external extended mode (EXPE = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More