Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6756D Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 14Page - STMicroelectronics L6756D Datasheet HTML 15Page - STMicroelectronics L6756D Datasheet HTML 16Page - STMicroelectronics L6756D Datasheet HTML 17Page - STMicroelectronics L6756D Datasheet HTML 18Page - STMicroelectronics L6756D Datasheet HTML 19Page - STMicroelectronics L6756D Datasheet HTML 20Page - STMicroelectronics L6756D Datasheet HTML 21Page - STMicroelectronics L6756D Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Electrical specifications
L6756D
18/36
Table 8.
Gate output connections for phase # definition
Mode
Gate output connections
G1
G2
G3
G4
2-phase
to driver
GND
to driver
GND
3-phase
to driver
to driver
to driver
GND
4-phase
to driver
to driver
to driver
to driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36