Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6756D Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce L6756D
Description  2/3/4 phase buck controller for VR10, VR11 and VR11.1 processor applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6756D Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button L6756D Datasheet HTML 13Page - STMicroelectronics L6756D Datasheet HTML 14Page - STMicroelectronics L6756D Datasheet HTML 15Page - STMicroelectronics L6756D Datasheet HTML 16Page - STMicroelectronics L6756D Datasheet HTML 17Page - STMicroelectronics L6756D Datasheet HTML 18Page - STMicroelectronics L6756D Datasheet HTML 19Page - STMicroelectronics L6756D Datasheet HTML 20Page - STMicroelectronics L6756D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
L6756D
Electrical specifications
17/36
10
01101
1.38750
0001
101
1.01250
10
01100
1.38125
0001
100
1.00625
10
01111
1.37500
0001
111
1.00000
10
01110
1.36875
0001
110
0.99375
10
10001
1.36250
0010
001
0.98750
10
10000
1.35625
0010
000
0.98125
10
10011
1.35000
0010
011
0.97500
10
10010
1.34375
0010
010
0.96875
10
10101
1.33750
0010
101
0.96250
10
10100
1.33125
0010
100
0.95625
10
10111
1.32500
0010
111
0.95000
10
10110
1.31875
0010
110
0.94375
10
11001
1.31250
0011
001
0.93750
10
11000
1.30625
0011
000
0.93125
10
11011
1.30000
0011
011
0.92500
10
11010
1.29375
0011
010
0.91875
10
11101
1.28750
0011
101
0.91250
10
11100
1.28125
0011
100
0.90625
10
11111
1.27500
0011
111
0.90000
10
11110
1.26875
0011
110
0.89375
11
00001
1.26250
0100
001
0.88750
11
00000
1.25625
0100
000
0.88125
11
00011
1.25000
0100
011
0.87500
11
00010
1.24375
0100
010
0.86875
11
00101
1.23750
0100
101
0.86250
11
00100
1.23125
0100
100
0.85625
11
00111
1.22500
0100
111
0.85000
11
00110
1.21875
0100
110
0.84375
11
01001
1.21250
0101
001
0.83750
11
01000
1.20625
0101
000
0.83125
Table 7.
Voltage identifications (VID) for Intel VR10 mode + 6.25 mV (continued)
VID4 VID3 VID2 VID1 VID0 VID5 VID6
Output
voltage
VID4 VID3 VID2 VID1 VID0 VID5 VID6
Output
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36