Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPC4EEBC Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce STPC4EEBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EEBC Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button STPC4EEBC Datasheet HTML 47Page - STMicroelectronics STPC4EEBC Datasheet HTML 48Page - STMicroelectronics STPC4EEBC Datasheet HTML 49Page - STMicroelectronics STPC4EEBC Datasheet HTML 50Page - STMicroelectronics STPC4EEBC Datasheet HTML 51Page - STMicroelectronics STPC4EEBC Datasheet HTML 52Page - STMicroelectronics STPC4EEBC Datasheet HTML 53Page - STMicroelectronics STPC4EEBC Datasheet HTML 54Page - STMicroelectronics STPC4EEBC Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
ELECTRICAL SPECIFICATIONS
Release 1.5 - January 29, 2002
51/93
4.5.8 VGA INTERFACE
Table 4-16 lists the AC characteristics of the VGA
interface.
Table 4-16. Graphics Adapter (VGA) AC Timing
Name
Parameter
Min
Max
Unit
DCLK (input) Cycle Time
ns
DCLK (input) High Time
ns
DCLK (input) Low Time
ns
DCLK (input) Rising Time
ns
DCLK (input) Falling Time
ns
DCLK (input) to R,G,B valid
ns
DCLK (input) to HSYNC valid
ns
DCLK (input) to VSYNC valid
ns
DCLK (input) to COL_SEL valid
ns
DCLK (output) Cycle Time
ns
DCLK (output) High Time
ns
DCLK (output) Low Time
ns
DCLK (output) to R,G,B valid
ns
DCLK (output) to HSYNC valid
ns
DCLK (output) to VSYNC valid
ns
DCLK (output) to COL_SEL valid
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93