Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPC4EEBC Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce STPC4EEBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EEBC Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button STPC4EEBC Datasheet HTML 65Page - STMicroelectronics STPC4EEBC Datasheet HTML 66Page - STMicroelectronics STPC4EEBC Datasheet HTML 67Page - STMicroelectronics STPC4EEBC Datasheet HTML 68Page - STMicroelectronics STPC4EEBC Datasheet HTML 69Page - STMicroelectronics STPC4EEBC Datasheet HTML 70Page - STMicroelectronics STPC4EEBC Datasheet HTML 71Page - STMicroelectronics STPC4EEBC Datasheet HTML 72Page - STMicroelectronics STPC4EEBC Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 93 page
background image
DESIGN GUIDELINES
Release 1.5 - January 29, 2002
69/93
In the case of higher clock load it is recommended
to use a zero-delay clock buffer as described in
Figure 6-8. This approach is also recommended
when
implementing
the
delay
on
PCICLKI
according to the PCI section of the Electrical
Specifications chapter.
Figure 6-8. PCI clock routing with zero-delay clock buffer
PCICLKI
PCICLKO
Device A
Device B
Device C
PLL
Device D
PCICLKI
PCICLKO
Device A
Device B
Device C
PLL
Device D
CY2305
CY2305
Implementation 1
Implementation 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93