Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPC4EEBC Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce STPC4EEBC
Description  X86 Core PC Compatible Information Appliance System-on-Chip
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPC4EEBC Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button STPC4EEBC Datasheet HTML 25Page - STMicroelectronics STPC4EEBC Datasheet HTML 26Page - STMicroelectronics STPC4EEBC Datasheet HTML 27Page - STMicroelectronics STPC4EEBC Datasheet HTML 28Page - STMicroelectronics STPC4EEBC Datasheet HTML 29Page - STMicroelectronics STPC4EEBC Datasheet HTML 30Page - STMicroelectronics STPC4EEBC Datasheet HTML 31Page - STMicroelectronics STPC4EEBC Datasheet HTML 32Page - STMicroelectronics STPC4EEBC Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 93 page
background image
STRAP OPTIONS
Release 1.5 - January 29, 2002
29/93
3.1.2. ADPC STRAP REGISTER 1 CONFIGURATION
Strap1
Access = 0022h/0023h
Regoffset = 04Bh
76543210
Rsv
Rsv
Rsv
Rsv
Rsv
This register defaults to the values sampled on MD[13:10] pins after reset
Bit Number Sampled
Mnemonic
Description
Bits 7-6
Rsv
Reserved
Bits 5-2
MD[13:10]
Reserved
Bits 1-0
Rsv
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93