| Moteur de recherche de fiches techniques de composants électroniques |
|
STPC4EEBC Fiches technique(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPC4EEBC Fiches technique(HTML) 63 Page - STMicroelectronics |
|
63 / 93 page ![]() DESIGN GUIDELINES Release 1.5 - January 29, 2002 63/93 6. DESIGN GUIDELINES 6.1. TYPICAL APPLICATIONS The STPC Consumer-II is well suited for many applications. Some of the possible implementations are described below. 6.1.1. WEB BOX A web box is an analog set top box providing internet browsing capability to a TV set. It has a TV output for connecting to the TV set, a modem for internet connection, a smartcard interface for the ISP access control, and an infrared interface for the remote control or the keyboard. Figure 6-1. Web Box STPC TV OUTPUT CONSUMER-II SDRAM 64 FLASH MODEM AUDIO 16 PCI IDE / PCI SmartCard R,G,B, CSYNC S-VHS CVBS VIP STV2310 SCART 1 SCART 2 microphone Infrared Printer port Local Bus ISA Bus or glue logic |