Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPCELITE Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 55Page - STMicroelectronics STPCELITE Datasheet HTML 56Page - STMicroelectronics STPCELITE Datasheet HTML 57Page - STMicroelectronics STPCELITE Datasheet HTML 58Page - STMicroelectronics STPCELITE Datasheet HTML 59Page - STMicroelectronics STPCELITE Datasheet HTML 60Page - STMicroelectronics STPCELITE Datasheet HTML 61Page - STMicroelectronics STPCELITE Datasheet HTML 62Page - STMicroelectronics STPCELITE Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
DESIGN GUIDELINES
Release 1.3 - January 29, 2002
59/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
6. DESIGN GUIDELINES
6.1. TYPICAL APPLICATIONS
The STPC Elite is well suited for many display-
less applications or together with a PCI graphics/
video
device.
Some
of
the
possible
implementations are described below.
6.1.1. FILE SERVER
A file server is LAN hot-pluggable system that
enables the user to obtain additionnal disk
capacity with great flexibility.
Figure 6-1. File server
STPC
ELITE
SDRAM
64
FLASH
LAN
16
PCI
IDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87