Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPCELITE Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button STPCELITE Datasheet HTML 44Page - STMicroelectronics STPCELITE Datasheet HTML 45Page - STMicroelectronics STPCELITE Datasheet HTML 46Page - STMicroelectronics STPCELITE Datasheet HTML 47Page - STMicroelectronics STPCELITE Datasheet HTML 48Page - STMicroelectronics STPCELITE Datasheet HTML 49Page - STMicroelectronics STPCELITE Datasheet HTML 50Page - STMicroelectronics STPCELITE Datasheet HTML 51Page - STMicroelectronics STPCELITE Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
ELECTRICAL SPECIFICATIONS
48/87
Release 1.3 - January 29, 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
4.5.7 LOCAL BUS INTERFACE
Figure 4-3 to Figure 4-11 and Table 4-13 list the
AC characteristics of the Local Bus interface.
Figure 4-8. Synchronous Read Cycle
PA[ ] bus
CSx#
PRD#[1:0]
PD[15:0]
HCLK
Tsetup
Tactive
Thold
Figure 4-9. Asynchronous Read Cycle
PA[ ] bus
CSx#
PRD#[1:0]
PD[15:0]
HCLK
Tsetup
Tend
Thold
PRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87