Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPCELITE Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STPCELITE
Description  X86 Core General Purpose PC Compatible System - on - Chip
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCELITE Fiches technique(HTML) 3 Page - STMicroelectronics

  STPCELITE Datasheet HTML 1Page - STMicroelectronics STPCELITE Datasheet HTML 2Page - STMicroelectronics STPCELITE Datasheet HTML 3Page - STMicroelectronics STPCELITE Datasheet HTML 4Page - STMicroelectronics STPCELITE Datasheet HTML 5Page - STMicroelectronics STPCELITE Datasheet HTML 6Page - STMicroelectronics STPCELITE Datasheet HTML 7Page - STMicroelectronics STPCELITE Datasheet HTML 8Page - STMicroelectronics STPCELITE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
Release 1.3 - January 29, 2002
3/87
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
s
Programmable system activity detector
s
Supports SMM.
s
Supports STOPCLK.
s
Supports IO trap & restart.
s
Independent peripheral time-out timer to
monitor hard disk, serial & parallel ports.
s
Supports RTC, interrupts and DMAs wake-up
s
GPIOs
s
16 Enhanced General Purpose IO.
s
JTAG Function
s
Programmable GP-Clock
s
This clock is programmable to frequencies up
to 135 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87