| Moteur de recherche de fiches techniques de composants électroniques |
|
STPCATLAS Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPCATLAS Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 111 page ![]() STPC® ATLAS X86 Core PC Compatible System-on-Chip for Terminals Issue 1.0 - July 24, 2002 1/111 Figure 0-1. Logic Diagram s POWERFUL x86 PROCESSOR s 64-BIT SDRAM UMA CONTROLLER s GRAPHICS CONTROLLER - VGA & SVGA CRT CONTROLLER - 135MHz RAMDAC - ENHANCED 2D GRAPHICS ENGINE s VIDEO INPUT PORT s VIDEO PIPELINE - UP-SCALER - VIDEO COLOUR SPACE CONVERTER - CHROMA & COLOUR KEY SUPPORT s TFT DISPLAY CONTROLLER s PCI 2.1 MASTER / SLAVE / ARBITER s ISA MASTER / SLAVE CONTROLLER s 16-BIT LOCAL BUS INTERFACE s PCMCIA INTERFACE CONTROLLER s EIDE CONTROLLER s 2 USB HOST HUB INTERFACES s I/O FEATURES - PC/AT+ KEYBOARD CONTROLLER - PS/2 MOUSE CONTROLLER - 2 SERIAL PORTS - 1 PARALLEL PORT - 16 GENERAL PURPOSE I/Os - I²C INTERFACE s INTEGRATED PERIPHERAL CONTROLLER - DMA CONTROLLER - INTERRUPT CONTROLLER - TIMER / COUNTERS s POWER MANAGEMENT UNIT s WATCHDOG s JTAG IEEE1149.1 PBGA516 ST PC Atla s x86 Core Host I/F SDRAM CTRL SVGA GE I/F VIP PCI m/s LB ctrl PCI Bus ISA m/s IPC PCI m/s ISA Bus CRTC Cursor Monitor IDE I/F PMU wdog Video Pipeline C Key K Key LUT Local Bus PCMCIA I/Os USB TFT TFT I/F Video In |
Numéro de pièce similaire - STPCATLAS |
|
Description similaire - STPCATLAS |