| Moteur de recherche de fiches techniques de composants électroniques |
|
STPCATLAS Fiches technique(PDF) 82 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPCATLAS Fiches technique(HTML) 82 Page - STMicroelectronics |
|
82 / 111 page ![]() DESIGN GUIDELINES 82/111 Issue 1.0 - July 24, 2002 In the case of higher clock load it is recommended to use a zero-delay clock buffer as described in Figure 6-9. This approach is also recommended when implementing the delay on PCICLKI according to the PCI section of the Electrical Specifications chapter. Figure 6-9. PCI clock routing with zero-delay clock buffer PCICLKI PCICLKO Device A Device B Device C PLL Device D PCICLKI PCICLKO Device A Device B Device C PLL Device D CY2305 CY2305 Implementation 1 Implementation 2 |