Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPCATLAS Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 5Page - STMicroelectronics STPCATLAS Datasheet HTML 6Page - STMicroelectronics STPCATLAS Datasheet HTML 7Page - STMicroelectronics STPCATLAS Datasheet HTML 8Page - STMicroelectronics STPCATLAS Datasheet HTML 9Page - STMicroelectronics STPCATLAS Datasheet HTML 10Page - STMicroelectronics STPCATLAS Datasheet HTML 11Page - STMicroelectronics STPCATLAS Datasheet HTML 12Page - STMicroelectronics STPCATLAS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 111 page
background image
GENERAL DESCRIPTION
Issue 1.0 - July 24, 2002
9/111
Figure 1-3. Typical ISA-based Application.
Flash
Boot
ISA
PCI
EIDE
2 Serial Ports
Parallel Port
SVGA
TFT
IRQ
DMA.REQ
DMA.ACK
STPC Atlas
Mouse
Keyboard
USB
VIP
RTC
SDRAM
16 GPIOs
ROMCS#
5V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More