Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLS2F01 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STLS2F01
Description  Loongson 2F: High performance 64-bit superscalar MIPS® microprocessor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLS2F01 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STLS2F01 Datasheet HTML 14Page - STMicroelectronics STLS2F01 Datasheet HTML 15Page - STMicroelectronics STLS2F01 Datasheet HTML 16Page - STMicroelectronics STLS2F01 Datasheet HTML 17Page - STMicroelectronics STLS2F01 Datasheet HTML 18Page - STMicroelectronics STLS2F01 Datasheet HTML 19Page - STMicroelectronics STLS2F01 Datasheet HTML 20Page - STMicroelectronics STLS2F01 Datasheet HTML 21Page - STMicroelectronics STLS2F01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
I/O bus interface description
STLS2F01
18/48
Figure 3.
STLS2F01 uniprocessor system connection
●
Multiprocessor system connections
Figure 4.
STLS2F01 multiprocessor system connections
3.5
Local bus description
Local bus is a simple peripheral interface. It’s mainly used to connect to boot ROM. There
are two chip select signals, and corresponding configurable data width and access delay.
PCI Dev
PCI Dev
PCI Dev
Loongson2F
PCI Bus
PCI_REQ
PCI_GNT
Local Bus
Boot Rom
I/O
Chipset
Loongson2F
PCI Bus
PCI_REQn
PCI_GNTn
PCI Bus
PCI_REQn
PCI_GNTn
Loongson2F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48